Part Number Hot Search : 
SG2524D 1V221M B1184 1N4946 LMR12WD TES200 1N111 EDI8M
Product Description
Full Text Search
 

To Download BAT54TDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Surface Mount Schottky Barrier Diodes Arrays
Features: * Extremely Fast Switching Speed. * Low Forward Voltage. * Very Small Conduction Losses. * PN Junction Guard Ring for Transient and ESD Protection. Mechanical Data: * Case: SOT-363, Molded plastic. * Terminals: Solderable per MIL-STD-202, Method 208. * Marking: See Diagrams Below & Page 3. * Weight: 0.006 grams(approx).
BAT54TDW/BAT54CDW BAT54ADW/BAT54SDW
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
65
4
1
2
3
SOT-363(SC-88)
SOT-363 Outline Dimensions
A
Unit:mm
SOT-363
6 5 4
BC
1 2 3
D
E
H K J L M
Dim A B C D E H J K L M
Min Max 0.10 0.30 1.15 1.35 2.00 2.20 0.65 REF 0.30 0.40 1.80 2.20 0.10 0.80 1.10 0.25 0.40 0.10 0.25
WEITRON
hpp://www.weitron.com.tw
1/4
29-Jul-05
BAT54TDW/BAT54CDW BAT54ADW/BAT54SDW
WEITRON
Symbol VRRM VRMW VR IF(AV) IFRM IFSM Pd R JA TJ Tstg Value 30 Unit V mA mA mA mw C/W C C
Maximum Ratings
Characteristic
(TA=25 C Unless otherwise noted)
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectifier Forward Current Peak Repetitive Forward Current Rated VR, Square Wave,20KHz Non-Repetitive Forward Current(t 1.0s) Power Dissipation Thermal Resistance, Junction to Ambient Air Operating Junction Temperature Range Storage Temperature Range
200 300 600 200 625 -55 to +125 -55 to +150
Electrical Characteristics
Characteristic
(TA=25 C Unless otherwise noted) Symbol V(BR)R Min 30 0.22 0.29 0.35 0.41 0.52 7.6 0.5 0.24 0.32 0.40 0.50 1.00 10 2.0 5.0 Typ Max Unit Volts
Reverse Breakdown Voltage (IR=10A) Forward Voltage IF=0.1mA IF=1.0mA IF=10mA IF=30mA IF=100mA Total Capacitance (VR=1.0V, f=1.0MHz) Reverse Leakage VR=25V Reverse Recover Time IF=IR =10mA, IR(Rec)=1.0mA
VF
Volts
CT IR Trr
PF uAdc nS
http://www.weitron.com.tw
WEITRON
2/4
29-Jul-05
BAT54TDW/BAT54CDW BAT54ADW/BAT54SDW
WEITRON
Marking KL5 KL6 Eqivalent Circuit diagram
1 2 3 1 2 3 1 2 3 6 5 4 6 5 4 6 5 4 6 5 4
Device Marking
Item BAT54TDW BAT54ADW
BAT54CDW
KL7
BAT54SDW
KL8
1 2 3
820 +10V 2.0K 100 H 0.1F D.U.T. 50 OUTPUT PULSE GENERATOR 50 INPUT SAMPLING OSCILLOSCOPE VR IF 0.1F tr 10% tp t IF trr t
90% INPUT SIGNAL IR IR(REC)=1.0mA OUTPUT PULSE (IF=IR=10mA, MEASURED AT IR(REC)=1.0mA)
Notes:1. A 2.0 k
variable resistor for a Forward Current (IF) 0f 10 mA 2. Input pules is adjusted so IR(peak) is equal to 10 mA 3. tp trr
FIG.1 Recovery Time Equivalent Test Circuit
http://www.weitron.com.tw
WEITRON
3/4
29-Jul-05
BAT54TDW/BAT54CDW BAT54ADW/BAT54SDW
WEITRON
1000
100
IF, FORWARD CURRENT (mA)
IR, REVERSE CURRENT (A)
TA=150 C 100 TA=125 C 10 1.0 TA=85 C 0.1 0.01
10
150 C
1.0
125 C 25 C -40 C -55 C 0.0 0.1 0.2 0.3 0.4 0.5 0.6
85 C
TA=25 C 0 5 10 15 20 25 30
0.1
0.001
VF, FORWARD VOLTAGE (VOLTS)
VR,REVERSE VOLTAGE (VOLTS)
FIG.2 Forward Voltage
14
FIG.3 Leakage Current
CT,TOTAL CAPACITANCE (pF)
12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR,REVERSE VOLTAGE (VOLTS)
FIG.4 Toral Capacitance
http://www.weitron.com.tw
WEITRON
4/4
29-Jul-05


▲Up To Search▲   

 
Price & Availability of BAT54TDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X